this document was generated on 02/07/2014 please check www.molex.com for latest part information part number: 50-84-1010 status: active overview: mlx? power connectors description: 2.13mm diameter mlx? power crimp housing plug, nylon 6/6, 94v-2, 1 circuit documents: 3d model product specification ps-42022-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 42021 application power, wire-to-board, wire-to-wire comments glow wire equivalent part number 36643-0001 . flammability rating: 94v-2. current ? maximum per contact 20a if used with 36663 and 36664 terminal overview mlx? power connectors product name mlx? upc 800754385299 physical circuits (maximum) 1 circuits detail 1 color - resin natural flammability 94v-2 gender male glow-wire compliant no keying to mating part none lock to mating part yes material - resin nylon net weight 0.801/g number of rows 1 packaging type bag panel mount no pitch - mating interface n/a pitch - termination interface n/a polarized to mating part yes stackable no temperature range - operating -55c to +105c electrical current - maximum per contact 13.5a, 20a material info old part number 4202101a reference - drawing numbers product specification ps-42022-0001 sales drawing sd-42021-**, sdin-42022-0001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 42021 series mates with 42002 mlx? power connector header, 42022 mlx? pin and socket receptacle, 43255 mlx? power connector header use with mlx crimp terminal 36663 , 36664 , 42023 , 42024 this document was generated on 02/07/2014
please check www.molex.com for latest part information
|